Part Number Hot Search : 
HSDL1001 22100 1SS35 200BG 64GA108 2SA107 KIA78R09 HER105P
Product Description
Full Text Search
 

To Download 74HC4040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74HC4040; 74hct4040 are high-speed si-gate cmos devices and are pin compatible with the hef4040b series. they are speci?ed in compliance with jedec standard no. 7a. the 74HC4040; 74hct4040 are 12-stage binary ripple counters with a clock input ( cp), an overriding asynchronous master reset input (mr) and twelve parallel outputs (q0 to q11). the counter advances on the high-to-low transition of cp. a high on mr clears all counter stages and forces all outputs low, independent of the state of cp. each counter stage is a static toggle ?ip-?op. 2. features n multiple package options n complies with jedec standard no. 7a n esd protection: u hbm jesd22-a114-c exceeds 2000 v u mm jesd22-a115-a exceeds 200 v n speci?ed from - 40 cto+85 c and from - 40 c to +125 c 3. applications n frequency dividing circuits n time delay circuits n control counters 4. quick reference data 74HC4040; 74hct4040 12-stage binary ripple counter rev. 03 14 september 2005 product data sheet table 1: quick reference data gnd = 0 v; t amb =25 c; t r =t f = 6 ns. symbol parameter conditions min typ max unit type 74HC4040 t phl , t plh propagation delay cp to q0 c l = 15 pf; v cc = 5 v - 14 - ns qn to qn+1 c l = 15 pf; v cc =5v - 8 - ns
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 2 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter [1] c pd is used to determine the dynamic power dissipation (p d in m w): p d =c pd v cc 2 f i + ? (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; ? (c l v cc 2 f o ) = sum of outputs; c l = output load capacitance in pf; v cc = supply voltage in v. 5. ordering information f max maximum operating frequency c l = 15 pf; v cc = 5 v - 90 - mhz c i input capacitance - 3.5 - pf c pd power dissipation capacitance v i = gnd to v cc -20-pf type 74hct4040 t phl , t plh propagation delay cp to q0 c l = 15 pf; v cc = 5 v - 16 - ns qn to qn+1 c l = 15 pf; v cc =5v - 8 - ns f max maximum operating frequency c l = 15 pf; v cc = 5 v - 79 - mhz c i input capacitance - 3.5 - pf c pd power dissipation capacitance v i = gnd to v cc - 1.5 v - 20 - pf table 1: quick reference data continued gnd = 0 v; t amb =25 c; t r =t f = 6 ns. symbol parameter conditions min typ max unit table 2: ordering information type number package temperature range name description version 74HC4040n - 40 c to +125 c dip16 plastic dual in-line package; 16 leads (300 mil); long body sot38-1 74HC4040d - 40 c to +125 c so16 plastic small outline package; 16 leads; body width 3.9 mm sot109-1 74HC4040db - 40 c to +125 c ssop16 plastic shrink small outline package; 16 leads; body width 5.3 mm sot338-1 74HC4040pw - 40 c to +125 c tssop16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1 74HC4040bq - 40 c to +125 c dhvqfn16 plastic dual in-line compatible thermal enhanced very thin quad ?at package; no leads; 16 terminals; body 2.5 3.5 0.85 mm sot763-1 74hct4040n - 40 c to +125 c dip16 plastic dual in-line package; 16 leads (300 mil); long body sot38-1 74hct4040d - 40 c to +125 c so16 plastic small outline package; 16 leads; body width 3.9 mm sot109-1
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 3 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter 6. functional diagram 74hct4040db - 40 c to +125 c ssop16 plastic shrink small outline package; 16 leads; body width 5.3 mm sot338-1 74hct4040pw - 40 c to +125 c tssop16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1 74hct4040bq - 40 c to +125 c dhvqfn16 plastic dual in-line compatible thermal enhanced very thin quad ?at package; no leads; 16 terminals; body 2.5 3.5 0.85 mm sot763-1 table 2: ordering information continued type number package temperature range name description version fig 1. functional diagram fig 2. logic symbol fig 3. iec logic symbol 001aad589 12-stage counter 9 q0 7 q1 6 q2 5 q3 3 q4 2 q5 4 q6 13 q7 12 q8 14 q9 15 q10 1 q11 10 11 t c d mr cp 001aad585 q0 9 11 mr 10 cp q1 7 q2 6 q3 5 q4 3 q5 2 q6 4 q7 13 q8 12 q9 14 q10 15 q11 1 001aad586 09 11 ct = 0 + 10 ctr12 ct 7 6 5 3 2 4 13 12 14 15 11 1
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 4 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter 7. pinning information 7.1 pinning fig 4. logic diagram 001aad588 cp mr ff 1 q t rd q0 q ff 2 q t rd q1 q ff 7 q t rd q6 q ff 8 q t rd q7 q ff 9 q t rd q8 q ff 10 q t rd q9 q ff 11 q t rd q10 q ff 12 q t rd q11 q ff 3 q t rd q2 q ff 4 q t rd q3 q ff 5 q t rd q4 q ff 6 q t rd q5 q (1) the substrate is attached to this pad using conductive die attach material. it can not be used as supply pin or input fig 5. pin con?guration dip16, so16, ssop16 and tssop16 fig 6. pin con?guration dhvqfn16 4040 q11 v cc q5 q10 q4 q9 q6 q7 q3 q8 q2 mr q1 cp gnd q0 001aad583 1 2 3 4 5 6 7 8 10 9 12 11 14 13 16 15 001aad584 4040 q1 cp q2 mr q3 q8 q6 q7 q4 q9 q5 q10 gnd q0 q11 v cc transparent top view 7 10 6 11 5 12 4 13 3 14 2 15 8 9 1 16 terminal 1 index area gnd (1)
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 5 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter 7.2 pin description 8. functional description 8.1 function table [1] h = high voltage level; l = low voltage level; x = dont care; - = low-to-high clock transition; = high-to-low clock transition. table 3: pin description symbol pin description q11 1 output 11 q5 2 output 5 q4 3 output 4 q6 4 output 6 q3 5 output 3 q2 6 output 2 q1 7 output 1 gnd 8 ground (0 v) q0 9 output 0 cp 10 clock input (high-to-low, edge-triggered) mr 11 master reset input (active high) q8 12 output 8 q7 13 output 7 q9 14 output 9 q10 15 output 10 v cc 16 positive supply voltage table 4: function table input output cp mr q0 to q11 - l no change l count xhl
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 6 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter 8.2 timing diagram 9. limiting values [1] for dip16 packages: above 70 c, p tot derates linearly with 12 mw/k. for so16, ssop16, tssop16 and dhvqfn16 packages, above 70 c, p tot derates linearly with 8 mw/k. fig 7. timing diagram 001aad587 1 2 4 8 16 32 64 128 256 512 1024 2048 4096 cp input mr input q0 q1 q2 q3 q4 q5 q6 q7 q8 q9 q10 q11 table 5: limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage - 0.5 +7 v i ik input diode current v i < - 0.5 v or vi > v cc + 0.5 v - 20 ma i ok output diode current v i < - 0.5 v or v i > v cc + 0.5 v - 20 ma i o output source or sink current - 0.5 v < v o < v cc + 0.5 v - 25 ma i cc quiescent supply current - 50 ma i gnd ground current - 50 ma t stg storage temperature - 65 +150 c p tot power dissipation t amb = - 40 c to +125 c [1] dip16 package - 750 mw so16, ssop16, tssop16 and dhvqfn16 packages - 500 mw
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 7 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter 10. recommended operating conditions 11. static characteristics table 6: recommended operating conditions symbol parameter conditions min typ max unit type 74HC4040 v cc supply voltage 2.0 5.0 6.0 v v i input voltage 0 - v cc v v o output voltage 0 - v cc v t amb ambient temperature see section 11 and 12 per device - 40 - +125 c t r , t f input rise and fall times except for schmitt-trigger inputs v cc = 2.0 v - - 1000 ns v cc = 4.5 v - 6.0 500 ns v cc = 6.0 v - - 400 ns type 74hct4040 v cc supply voltage 4.5 5.0 5.5 v v i input voltage 0 - v cc v v o output voltage 0 - v cc v t amb ambient temperature see section 11 and 12 per device - 40 - +125 c t r , t f input rise and fall times except for schmitt-trigger inputs v cc = 2.0v ---ns v cc = 4.5 v - 6.0 500 ns v cc = 6.0v ---ns table 7: static characteristics for 74HC4040 voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb = 25 c v ih high-level input voltage v cc = 2.0 v 1.5 1.2 - v v cc = 4.5 v 3.15 2.4 - v v cc = 6.0 v 4.2 3.2 - v v il low-level input voltage v cc = 2.0 v - 0.8 0.5 v v cc = 4.5 v - 2.1 1.35 v v cc = 6.0 v - 2.8 1.8 v v oh high-level output voltage v i = v ih or v il i o = - 20 m a; v cc = 2.0 v 1.9 2.0 - v i o = - 20 m a; v cc = 4.5 v 4.4 4.5 - v i o = - 20 m a; v cc = 6.0 v 5.9 6.0 - v i o = - 4.0 ma; v cc = 4.5 v 3.98 4.32 - v i o = - 5.2 ma; v cc = 6.0 v 5.48 5.81 - v
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 8 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter v ol low-level output voltage v i = v ih or v il i o = 20 m a; v cc = 2.0 v - 0 0.1 v i o = 20 m a; v cc = 4.5 v - 0 0.1 v i o = 20 m a; v cc = 6.0 v - 0 0.1 v i o = 4.0 ma; v cc = 4.5 v - 0.15 0.26 v i o = 5.2 ma; v cc = 6.0 v - 0.16 0.26 v i ll input leakage current v i = v cc or gnd; v cc = 6.0 v - - 0.1 m a i cc quiescent supply current v i = v cc or gnd; i o = 0 a; v cc = 6.0 v - - 8.0 m a c i input capacitance - 3.5 - pf t amb = - 40 c to +85 c v ih high-level input voltage v cc = 2.0 v 1.5 - - v v cc = 4.5 v 3.15 - - v v cc = 6.0 v 4.2 - - v v il low-level input voltage v cc = 2.0 v - - 0.5 v v cc = 4.5 v - - 1.35 v v cc = 6.0 v - - 1.8 v v oh high-level output voltage v i = v ih or v il i o = - 20 m a; v cc = 2.0 v 1.9 - - v i o = - 20 m a; v cc = 4.5 v 4.4 - - v i o = - 20 m a; v cc = 6.0 v 5.9 - - v i o = - 4.0 ma; v cc = 4.5 v 3.84 - - v i o = - 5.2 ma; v cc = 6.0 v; 5.34 - - v v ol low-level output voltage v i = v ih or v il i o = 20 m a; v cc = 2.0 v - - 0.1 v i o = 20 m a; v cc = 4.5 v - - 0.1 v i o = 20 m a; v cc = 6.0 v - - 0.1 v i o = 4.0 ma; v cc = 4.5 v - - 0.33 v i o = 5.2 ma; v cc = 6.0 v - - 0.33 v i ll input leakage current v i = v cc or gnd; v cc = 6.0 v - - 1.0 m a i cc quiescent supply current v i = v cc or gnd; i o = 0 a; v cc = 6.0 v - - 80.0 m a t amb = - 40 c to +125 c v ih high-level input voltage v cc = 2.0 v 1.5 - - v v cc = 4.5 v 3.15 - - v v cc = 6.0 v 4.2 - - v v il low-level input voltage v cc = 2.0 v - - 0.5 v v cc = 4.5 v - - 1.35 v v cc = 6.0 v - - 1.8 v table 7: static characteristics for 74HC4040 continued voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 9 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter v oh high-level output voltage v i = v ih or v il i o = - 20 m a; v cc = 2.0 v 1.9 - - v i o = - 20 m a; v cc = 4.5 v 4.4 - - v i o = - 20 m a; v cc = 6.0 v 5.9 - - v i o = - 4.0 ma; v cc = 4.5 v 3.7 - - v i o = - 5.2 ma; v cc = 6.0 v; 5.2 - - v v ol low-level output voltage v i = v ih or v il i o = 20 m a; v cc = 2.0 v - - 0.1 v i o = 20 m a; v cc = 4.5 v - - 0.1 v i o = 20 m a; v cc = 6.0 v - - 0.1 v i o = 4.0 ma; v cc = 4.5 v - - 0.4 v i o = 5.2 ma; v cc = 6.0 v - - 0.4 v i ll input leakage current v i = v cc or gnd; v cc = 6.0 v - - 1.0 m a i cc quiescent supply current v i = v cc or gnd; i o = 0 a; v cc = 6.0 v - - 160.0 m a table 7: static characteristics for 74HC4040 continued voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit table 8: static characteristics for 74hct4040 voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb = 25 c v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 1.6 - v v il low-level input voltage v cc = 4.5 v to 5.5 v - 1.2 0.8 v v oh high-level output voltage v i = v ih or v il i o = - 20 m a; v cc = 4.5 v 4.4 4.5 - v i o = - 4.0 ma; v cc = 4.5 v 3.98 4.32 - v v ol low-level output voltage v i = v ih or v il i o = 20 m a; v cc = 4.5 v - 0 0.1 v i o = 4.0 ma; v cc = 4.5 v - 0.15 0.26 v i ll input leakage current v i = v cc or gnd; v cc = 5.5 v - - 0.1 m a i cc quiescent supply current v i = v cc or gnd; i o = 0 a; v cc = 5.5 v - - 8.0 m a d i cc additional quiescent supply current v i = v cc - 2.1 v; v cc = 4.5 v to 5.5 v; i o = 0 a cp - 85 306 m a mr - 110 396 m a c i input capacitance - 3.5 - pf t amb = - 40 c to +85 c v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 - - v v il low-level input voltage v cc = 4.5 v to 5.5 v - - 0.8 v
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 10 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter v oh high-level output voltage v i = v ih or v il i o = - 20 m a; v cc = 4.5 v 4.4 - - v i o = - 4.0 ma; v cc = 4.5 v 3.84 - - v v ol low-level output voltage v i = v ih or v il i o = 20 m a; v cc = 4.5 v - - 0.1 v i o = 4.0 ma; v cc = 4.5 v - - 0.33 v i ll input leakage current v i = v cc or gnd; v cc = 5.5 v - - 1.0 m a i cc quiescent supply current v i = v cc or gnd; i o = 0 a; v cc = 5.5 v - - 80.0 m a d i cc additional quiescent supply current v i = v cc - 2.1 v; v cc = 4.5 v to 5.5 v; i o = 0 a cp - - 383 m a mr - - 495 m a t amb = - 40 c to +125 c v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 - - v v il low-level input voltage v cc = 4.5 v to 5.5 v - - 0.8 v v oh high-level output voltage v i = v ih or v il i o = - 20 m a; v cc = 4.5 v 4.4 - - v i o = - 4.0 ma; v cc = 4.5 v 3.7 - - v v ol low-level output voltage v i = v ih or v il i o = 20 m a; v cc = 4.5 v - - 0.1 v i o = 4.0 ma; v cc = 4.5 v - - 0.4 v i ll input leakage current v i = v cc or gnd; v cc = 5.5 v - - 1.0 m a i cc quiescent supply current v i = v cc or gnd; i o = 0 a; v cc = 5.5 v - - 160.0 m a d i cc additional quiescent supply current v i = v cc - 2.1 v; v cc = 4.5 v to 5.5 v; i o =0a cp - - 417 m a mr - - 539 m a table 8: static characteristics for 74hct4040 continued voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 11 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter 12. dynamic characteristics table 9: dynamic characteristics for type 74HC4040 gnd = 0 v; t r = t f = 6 ns. for test circuit see figure 9 . symbol parameter conditions min typ max unit t amb = 25 c t phl , t plh propagation delay cp to q0 see figure 8 v cc = 2.0 v; c l = 50 pf - 47 150 ns v cc = 4.5 v; c l = 50 pf - 17 30 ns v cc = 5.0 v; c l =15pf - 14 - ns v cc = 6.0 v; c l = 50 pf - 14 26 ns propagation delay qn to qn+1 see figure 8 v cc = 2.0 v; c l = 50 pf - 28 100 ns v cc = 4.5 v; c l = 50 pf - 10 20 ns v cc = 5.0 v; c l =15pf - 8 - ns v cc = 6.0 v; c l =50pf - 8 17 ns t phl propagation delay mr to qn see figure 8 v cc =2.0 v; c l = 50 pf - 61 185 ns v cc = 4.5 v; c l = 50 pf - 22 37 ns v cc = 6.0 v; c l = 50 pf - 18 31 ns t thl , t tlh output transition time see figure 8 v cc = 2.0 v; c l = 50 pf - 19 75 ns v cc = 4.5 v; c l =50pf - 7 15 ns v cc = 6.0 v; c l =50pf - 6 13 ns t w clock pulse width high or low see figure 8 v cc = 2.0 v; c l =50pf 80 14 - ns v cc = 4.5 v; c l =50pf 16 5 - ns v cc = 6.0 v; c l =50pf 14 4 - ns master reset pulse width; high see figure 8 v cc = 2.0 v; c l =50pf 80 22 - ns v cc = 4.5 v; c l =50pf 16 8 - ns v cc = 6.0 v; c l =50pf 14 6 - ns t rec recovery time mr to cp see figure 8 v cc = 2.0 v; c l =50pf 50 8 - ns v cc = 4.5 v; c l =50pf 10 3 - ns v cc = 6.0 v; c l =50pf 9 2 - ns f max maximum operating frequency see figure 8 v cc = 2.0 v; c l = 50 pf 6.0 27 - mhz v cc = 4.5 v; c l =50pf 30 82 - mhz v cc = 5.0 v; c l = 15 pf - 90 - mhz v cc = 6.0 v; c l =50pf 35 98 - mhz c pd power dissipation capacitance - 20 - pf
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 12 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter t amb = - 40 c to +85 c t phl , t plh propagation delay cp to q0 see figure 8 v cc = 2.0 v; c l = 50 pf - - 190 ns v cc = 4.5 v; c l =50pf - - 38 ns v cc = 6.0 v; c l =50pf - - 33 ns propagation delay qn to qn+1 see figure 8 v cc = 2.0 v; c l = 50 pf - - 125 ns v cc = 4.5 v; c l =50pf - - 25 ns v cc = 6.0 v; c l =50pf - - 21 ns t phl propagation delay mr to qn see figure 8 v cc = 2.0 v; c l = 50 pf - - 230 ns v cc = 4.5 v; c l =50pf - - 46 ns v cc = 6.0 v; c l =50pf - - 39 ns t thl , t tlh output transition time see figure 8 v cc = 2.0 v; c l =50pf - - 95 ns v cc = 4.5 v; c l =50pf - - 19 ns v cc = 6.0 v; c l =50pf - - 16 ns t w clock pulse width high or low see figure 8 v cc = 2.0 v; c l = 50 pf 100 - - ns v cc = 4.5 v; c l =50pf 20 - - ns v cc = 6.0 v; c l =50pf 17 - - ns master reset pulse width; high see figure 8 v cc = 2.0 v; c l = 50 pf 100 - - ns v cc = 4.5 v; c l =50pf 20 - - ns v cc = 6.0 v; c l =50pf 17 - - ns t rec recovery time mr to cp see figure 8 v cc = 2.0 v; c l =50pf 65 - - ns v cc = 4.5 v; c l =50pf 13 - - ns v cc = 6.0 v; c l =50pf 11 - - ns f max maximum operating frequency see figure 8 v cc = 2.0 v; c l = 50 pf 4.8 - - mhz v cc = 4.5 v; c l =50pf 24 - - mhz v cc = 6.0 v; c l =50pf 28 - - mhz table 9: dynamic characteristics for type 74HC4040 continued gnd = 0 v; t r = t f = 6 ns. for test circuit see figure 9 . symbol parameter conditions min typ max unit
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 13 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter [1] c pd is used to determine the dynamic power dissipation (p d in m w): p d =c pd v cc 2 f i + ? (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; ? (c l v cc 2 f o ) = sum of outputs; c l = output load capacitance in pf; v cc = supply voltage in v. t amb = - 40 c to +125 c t phl , t plh propagation delay cp to q0 see figure 8 v cc = 2.0 v; c l = 50 pf - - 225 ns v cc = 4.5 v; c l =50pf - - 45 ns v cc = 6.0 v; c l =50pf - - 38 ns propagation delay qn to qn+1 see figure 8 v cc = 2.0 v; c l = 50 pf - - 150 ns v cc = 4.5 v; c l =50pf - - 30 ns v cc = 6.0 v; c l =50pf - - 26 ns t phl propagation delay mr to qn see figure 8 v cc = 2.0 v; c l = 50 pf - - 280 ns v cc = 4.5 v; c l =50pf - - 56 ns v cc = 6.0 v; c l =50pf - - 48 ns t thl , t tlh output transition time see figure 8 v cc = 2.0 v; c l = 50 pf - - 110 ns v cc = 4.5 v; c l =50pf - - 22 ns v cc = 6.0 v; c l =50pf - - 19 ns t w clock pulse width high or low see figure 8 v cc = 2.0 v; c l = 50 pf 120 - - ns v cc = 4.5 v; c l =50pf 24 - - ns v cc = 6.0 v; c l =50pf 20 - - ns master reset pulse width; high see figure 8 v cc = 2.0 v; c l = 50 pf 120 - - ns v cc = 4.5 v; c l =50pf 24 - - ns v cc = 6.0 v; c l =50pf 20 - - ns t rec recovery time mr to cp see figure 8 v cc = 2.0 v; c l =50pf 75 - - ns v cc = 4.5 v; c l =50pf 15 - - ns v cc = 6.0 v; c l =50pf 13 - - ns f max maximum operating frequency see figure 8 v cc = 2.0 v; c l = 50 pf 4.0 - - mhz v cc = 4.5 v; c l =50pf 20 - - mhz v cc = 6.0 v; c l =50pf 24 - - mhz table 9: dynamic characteristics for type 74HC4040 continued gnd = 0 v; t r = t f = 6 ns. for test circuit see figure 9 . symbol parameter conditions min typ max unit
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 14 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter table 10: dynamic characteristics for type 74hct4040 gnd = 0 v; t r = t f = 6 ns. for test circuit see figure 9 . symbol parameter conditions min typ max unit t amb = 25 c t phl , t plh propagation delay cp to q0 see figure 8 v cc = 4.5 v; c l = 50 pf - 19 40 ns v cc = 5.0 v; c l = 15 pf - 16 - ns propagation delay qn to qn+1 see figure 8 v cc = 4.5 v; c l = 50 pf - 10 20 ns v cc = 5.0 v; c l = 15 pf - 8 - ns t phl propagation delay mr to qn v cc = 4.5 v; c l =50pf; see figure 8 ; -2345ns t thl , t tlh output transition time v cc = 4.5 v; c l =50pf; see figure 8 ; - 7 15 ns t w clock pulse width high or low v cc = 4.5 v; c l =50pf; see figure 8 ; 16 7 - ns master reset pulse width; high v cc = 4.5 v; c l =50pf; see figure 8 ; 16 6 - ns t rec recovery time mr to cp v cc = 4.5 v; c l =50pf; see figure 8 ; 10 2 - ns f max maximum operating frequency see figure 8 v cc = 4.5 v; c l =50pf 30 72 - mhz v cc = 5.0 v; c l = 15 pf - 79 - mhz c pd power dissipation capacitance per package [1] -20-pf t amb = - 40 c to +85 c t phl , t plh propagation delay cp to q0 v cc = 4.5 v; c l =50pf; see figure 8 ; --50ns propagation delay qn to qn+1 v cc = 4.5 v; c l =50pf; see figure 8 ; --25ns t phl propagation delay mr to qn v cc = 4.5 v; c l =50pf; see figure 8 ; --56ns t thl , t tlh output transition time v cc = 4.5 v; c l =50pf; see figure 8 ; --19ns t w clock pulse width high or low v cc = 4.5 v; c l =50pf; see figure 8 ; 20 - - ns master reset pulse width; high v cc = 4.5 v; c l =50pf; see figure 8 ; 20 - - ns t rec recovery time mr to cp v cc = 4.5 v; c l =50pf; see figure 8 ; 13 - - ns f max maximum operating frequency v cc = 4.5 v; c l =50pf; see figure 8 ; 24 - - mhz t amb = - 40 c to +125 c t phl , t plh propagation delay cp to q0 v cc = 4.5 v; c l =50pf; see figure 8 ; --60ns propagation delay qn to qn+1 v cc = 4.5 v; c l =50pf; see figure 8 --30ns
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 15 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter [1] c pd is used to determine the dynamic power dissipation (p d in m w): p d =c pd v cc 2 f i + ? (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; ? (c l v cc 2 f o ) = sum of outputs; c l = output load capacitance in pf; v cc = supply voltage in v. 13. waveforms t phl propagation delay mr to qn v cc = 4.5 v; c l =50pf; see figure 8 --68ns t thl , t tlh output transition time v cc = 4.5 v; c l =50pf; see figure 8 --22ns t w clock pulse width high or low v cc = 4.5 v; c l =50pf; see figure 8 24 - - ns master reset pulse width; high v cc = 4.5 v; c l =50pf; see figure 8 24 - - ns t rec recovery time mr to cp v cc = 4.5 v; c l =50pf; see figure 8 15 - - ns f max maximum operating frequency v cc = 4.5 v; c l =50pf; see figure 8 20 - - mhz table 10: dynamic characteristics for type 74hct4040 continued gnd = 0 v; t r = t f = 6 ns. for test circuit see figure 9 . symbol parameter conditions min typ max unit 74HC4040: v m = 50 %; v i = gnd to v cc . 74hct4040: v m = 1.3 v; v i = gnd to 3 v. fig 8. clock ( cp) to output (qn) propagation delays, clock pulse width, output transition times, maximum clock pulse frequency, master reset (mr) pulse width, master reset to output (qn) propagation delays and master reset to clock ( cp) removal time. mr input cp input q0 or qn output t w t phl 1/f max t rem v m v i v i v m 001aad590 t plh t w t tlh t thl t phl v m
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 16 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter de?nitions for test circuit: c l = load capacitance including jig and probe capacitance (see section 12 for the value). r t = termination resistance should be equal to output impedance z o of the pulse generator. fig 9. test circuit mna101 v cc v i v o r t c l pulse generator dut
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 17 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter 14. package outline fig 10. package outline sot38-1 (dip16) unit a max. 1 2 b 1 cee m h l references outline version european projection issue date iec jedec jeita mm inches dimensions (inch dimensions are derived from the original mm dimensions) sot38-1 99-12-27 03-02-13 a min. a max. b max. w m e e 1 1.40 1.14 0.055 0.045 0.53 0.38 0.32 0.23 21.8 21.4 0.86 0.84 6.48 6.20 0.26 0.24 3.9 3.4 0.15 0.13 0.254 2.54 7.62 0.3 8.25 7.80 0.32 0.31 9.5 8.3 0.37 0.33 2.2 0.087 4.7 0.51 3.7 0.15 0.021 0.015 0.013 0.009 0.01 0.1 0.02 0.19 050g09 mo-001 sc-503-16 m h c (e ) 1 m e a l seating plane a 1 w m b 1 e d a 2 z 16 1 9 8 b e pin 1 index 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. (1) (1) d (1) z dip16: plastic dual in-line package; 16 leads (300 mil); long body sot38-1
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 18 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter fig 11. package outline sot109-1 (so16) x w m q a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 8 9 1 16 y pin 1 index unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 10.0 9.8 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot109-1 99-12-27 03-02-19 076e07 ms-012 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.39 0.38 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.020 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 0 2.5 5 mm scale so16: plastic small outline package; 16 leads; body width 3.9 mm sot109-1
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 19 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter fig 12. package outline sot338-1 (ssop16) unit a 1 a 2 a 3 b p cd (1) e (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm 0.21 0.05 1.80 1.65 0.25 0.38 0.25 0.20 0.09 6.4 6.0 5.4 5.2 0.65 1.25 7.9 7.6 1.03 0.63 0.9 0.7 1.00 0.55 8 0 o o 0.13 0.2 0.1 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. sot338-1 99-12-27 03-02-19 (1) w m b p d h e e z e c v m a x a y 1 8 16 9 q a a 1 a 2 l p q detail x l (a ) 3 mo-150 pin 1 index 0 2.5 5 mm scale ssop16: plastic shrink small outline package; 16 leads; body width 5.3 mm sot338-1 a max. 2
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 20 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter fig 13. package outline sot403-1 (tssop16) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.40 0.06 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot403-1 mo-153 99-12-27 03-02-18 w m b p d z e 0.25 18 16 9 q a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop16: plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1 a max. 1.1 pin 1 index
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 21 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter fig 14. package outline sot763-1 (dhvqfn16) terminal 1 index area 0.5 1 a 1 e h b unit y e 0.2 c references outline version european projection issue date iec jedec jeita mm 3.6 3.4 d h 2.15 1.85 y 1 2.6 2.4 1.15 0.85 e 1 2.5 0.30 0.18 0.05 0.00 0.05 0.1 dimensions (mm are the original dimensions) sot763-1 mo-241 - - - - - - 0.5 0.3 l 0.1 v 0.05 w 0 2.5 5 mm scale sot763-1 dhvqfn16: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 x 3.5 x 0.85 mm a (1) max. a a 1 c detail x y y 1 c e l e h d h e e 1 b 27 15 10 9 8 1 16 x d e c b a terminal 1 index area a c c b v m w m e (1) note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. d (1) 02-10-17 03-01-27
74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 22 of 24 philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter 15. revision history table 11: revision history document id release date data sheet status change notice doc. number supersedes 74hc_hct4040_3 20050914 product data sheet - - 74hc_hct4040_cnv_2 modi?cations: ? the format of this data sheet has been redesigned to comply with the new presentation and information standard of philips semiconductors ? reference to family speci?cations is replaced by the actual information: section 5 order ing inf or mation , section 7 pinning inf or mation , section 9 limiting v alues , section 10 recommended oper ating conditions , section 11 static char acter istics , figure 9 t est circuit ? section 14 p ac kage outline (dhvqfn16) added 74hc_hct4040_cnv_2 19901231 product speci?cation -- -
philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter 74hc_hct4040_3 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 03 14 september 2005 23 of 24 16. data sheet status [1] please consult the most recently issued data sheet before initiating or completing a design. [2] the product status of the device(s) described in this data sheet may have changed since this data sheet was published. the l atest information is available on the internet at url http://www.semiconductors.philips.com. [3] for data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. 17. de?nitions short-form speci?cation the data in a short-form speci?cation is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values de?nition limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. 18. disclaimers life support these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes philips semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. when the product is in full production (status production), relevant changes will be communicated via a customer product/process change noti?cation (cpcn). philips semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise speci?ed. 19. trademarks notice all referenced brands, product names, service names and trademarks are the property of their respective owners. 20. contact information for additional information, please visit: http://www.semiconductors.philips.com for sales of?ce addresses, send an email to: sales.addresses@www.semiconductors.philips.com level data sheet status [1] product status [2] [3] de?nition i objective data development this data sheet contains data from the objective speci?cation for product development. philips semiconductors reserves the right to change the speci?cation in any manner without notice. ii preliminary data quali?cation this data sheet contains data from the preliminary speci?cation. supplementary data will be published at a later date. philips semiconductors reserves the right to change the speci?cation without notice, in order to improve the design and supply the best possible product. iii product data production this data sheet contains data from the product speci?cation. philips semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. relevant changes will be communicated via a customer product/process change noti?cation (cpcn).
? koninklijke philips electronics n.v. 2005 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. date of release: 14 september 2005 document number: 74hc_hct4040_3 published in the netherlands philips semiconductors 74HC4040; 74hct4040 12-stage binary ripple counter 21. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 4 quick reference data . . . . . . . . . . . . . . . . . . . . . 1 5 ordering information . . . . . . . . . . . . . . . . . . . . . 2 6 functional diagram . . . . . . . . . . . . . . . . . . . . . . 3 7 pinning information . . . . . . . . . . . . . . . . . . . . . . 4 7.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 7.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 5 8 functional description . . . . . . . . . . . . . . . . . . . 5 8.1 function table . . . . . . . . . . . . . . . . . . . . . . . . . . 5 8.2 timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . 6 9 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 6 10 recommended operating conditions. . . . . . . . 7 11 static characteristics. . . . . . . . . . . . . . . . . . . . . 7 12 dynamic characteristics . . . . . . . . . . . . . . . . . 11 13 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 14 package outline . . . . . . . . . . . . . . . . . . . . . . . . 17 15 revision history . . . . . . . . . . . . . . . . . . . . . . . . 22 16 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 23 17 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 18 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 19 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 20 contact information . . . . . . . . . . . . . . . . . . . . 23


▲Up To Search▲   

 
Price & Availability of 74HC4040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X